Part Number Hot Search : 
SFS3027 15KPJ58 1N4586 HG62E08 SMD07 3843AM 97A37 97A37
Product Description
Full Text Search
 

To Download AP1117K33L-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 1 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated ? 1.4v maximum dropout at full load current ? fast transient response ? output current limiting ? built-in thermal shutdown ? good noise rejection ? 3-terminal adjustable or fixed 1.5v, 1.8v, 2.5v, 3.3v, 5.0v ? lead free packages: sot223-3l, to252-3l, sot89-3l, to263-3l and to220-3l ? sot223-3l, to252-3l and sot89-3l: available in ?green? molding compound (no br, sb) ? lead free finish/rohs compliant (note 2) ap1117 is a low dropout positive adjustable or fixed-mode regulator with 1a output current capability. the product is voltage specifically designed to provide well-regulated supply for low ic applications such as high-speed bus termination and low current 3.3v logic supply. ap1117 is also well suited for other applications such as vga cards. ap1117 is guaranteed to have lower than 1.4v dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4v to 18v input supply. ap1117 is available in commercial temperature grade. ? pc peripheral ? communication typical applicat ion circuit c2 22uf 5v 3.3v/1a tab is v out v in v out gnd c1 10uf ( 5v/3.3v fixed output ) r1 121 r2 121 c2 22uf 5v 2.5v/1a tab is v out v in v out adj c1 10uf o v ( 5v/2.5v adj output ) ) r r (1 vv 1 2 ref o += note: ? ? features general description applications
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 2 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated lead-free lead-free lead free u : tube 13 : tape & reel l : lead free (note 1) blank : adj g : green a p 1 1 1 7 x xx x - x packing vout t : to220-3l y : sot89-3l k : to263-3l d : to252-3l e : sot223-3l 15 : 1.5v 18 : 1.8v 25 : 2.5v 33 : 3.3v 50 : 5.0v package device package code packaging (note 3) tube 13? tape and reel quantity part number suffix quantity part number suffix ap1117dxxl-u d to252-3l 80 -u na na ap1117dxxl-13 d to252-3l na na 2500/tape & reel -13 ap1117dxxg-u d to252-3l 80 -u na na ap1117dxxg-13 d to252-3l na na 2500/tape & reel -13 ap1117exxl-u e sot223-3l 75 -u na na ap1117exxl-13 e sot223-3l na na 2500/tape & reel -13 ap1117exxg-u e sot223-3l 75 -u na na ap1117exxg-13 e sot223-3l na na 2500/tape & reel -13 ap1117kxxl-u k to263-3l 50 -u na na ap1117kxxl-13 k to263-3l na na 800/tape & reel -13 ap1117txxl-u t to220-3l 50 -u na na ap1117yxxl-13 y sot89-3l na na 2500/tape & reel -13 ap1117yxxg-13 y sot89-3l na na 2500/tape & reel -13 notes: 1. to263-3l and to220-3l are available in ?lead free? products only. 2. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied. please visit our website at http://www.diodes.com/products/lead_free.html . 3. pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. ordering information lead-free lead-free lead-free lead-free lead-free lead-free
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 3 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated (1) sot89-3l (2) sot223-3l adj (gnd) v out v in 1 3 2 tab is v out ( top view ) v in v out adj (gnd) tab is v out ( top view ) 3 2 1 (3) to220-3l (4) to252-3l and to263-3l tab is v out 3 v in 2 1 v out adj (gnd) ( front view ) 3 2 1 v in v out tab is v out ( top view ) adj (gnd) pin name i/o pin # description adj (gnd) i 1 a resistor divider from this pin to the v out pin and ground sets the output voltage (ground only for fixed-mode). v out o 2 the output of the regulator. a minimum of 10uf capacitor (0.15 ? esr 20? ) must be connected from this pin to ground to insure stability. v in i 3 the input pin of regulator. typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. this pin must always be 1.3v higher than v out in order for the device to regulate properly. pin assignments pin descriptions
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 4 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated block diagram absolute maxi mum ratings symbol parameter rating unit v in dc supply voltage -0.3 to 18 v t mj maximum junction temperature 150 o c p d power dissipation sot89-3l sot223-3l to220-3l to252-3l to263-3l internally limited by maximum junction temperature of 150 o c (note 4) mw t st storage temperature -65 to +150 o c notes: 4. ap1117 contains an internal thermal limiting circuit that is designed to protect the regulator in the event that th e maximum junction temperature exceeded. when activated, typically at 150 c, the regulator output switches off and then back on as the die cools. recommended oper ating conditions symbol parameter min max unit t op operating junction temperature range -40 125 o c 3 thermal shutdown 1 2 v out adj 1.25v + + current limit v in - + + 1 gnd (fixed) -
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 5 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated electrical characteristics (under operating conditions) parameter conditions min typ. max unit reference voltage ap1117-adj t a = 25 o c, (v in - out ) = 1.5v i o = 10ma 1.225 1.250 1.275 v output voltage ap1117-1.5 i out = 10ma, t a = 25 o c, 3v Q v in Q 12v 1.470 1.500 1.530 v ap1117-1.8 i out = 10ma, t a = 25 o c, 3.3v Q v in Q 12v 1.764 1.800 1.836 v ap1117-2.5 i out = 10ma, t a = 25 o c, 4v Q v in Q 12v 2.450 2.500 2.550 v ap1117-3.3 i out = 10ma, t a = 25 o c, 4.8v Q v in Q 12v 3.235 3.300 3.365 v ap1117-5.0 i out = 10ma, t a = 25 o c, 6.5v Q v in Q 12v 4.900 5.000 5.100 v line regulation ap1117-xxx i o = 10ma,v out +1.5v ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 6 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated typical perform ance characteristics temperature ( o c) percent change in output voltage vs temperature output voltage change (%) -40 -25 0 25 50 75 100 125 150 - 2 -1.5 - 1 -0.5 0 0. 5 1 1.5 2 input voltage (v) line regulation output voltage deviation (%) 0 0.2 0.4 0.6 0.8 1 24 681012 time (us) line transient response output voltage deviation (mv) input voltage (v) -40 -20 0 20 40 5.5 6.5 7.5 cin=1uf cout=10uf tantalum 0 20 40 60 80 100 120 140 160 180 200 time (us) load transient response load current (a) output voltage deviation (mv) 010 20 30 40 50 60 70 80 90 100 -1 0 1 2 -20 -10 0 10 20 30 c in = 1uf c out = 10 uf tantalum preload = 100ma temperature ( o c) load regulation vs temperature output voltage deviation (%) -40 0 25 50 75 100 125 - 1 -0.80 -0.40 -0.20 0 0.20 i load=800ma dropout voltage vs output current output current (ma) dropout voltage (v) 0 0. 2 0. 4 0. 6 0. 8 1. 0 1. 2 1. 4 1. 6 1. 8 2. 0 0 250 500 750 1000 tj = 125 o c tj = 25 o c
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 7 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated (1) sot223-3l y w x 1 7-vv logo x : internal code ( top view ) a~z : lead free a~z : green part number 1117 for adj 17-vv:15 for 1.5v 18 for 1.8v 25 for 2.5v 33 for 3.3v 50 for 5.0v y : year : 0~9 w : week : a~z : 1~26 week; a~z : 27~52 week; z repersents 52 and 53 week (2) to252-3l 17-vv x : internal code ww : week : 01~52, 52 represents yy : year : 01~09 ( top view ) yy ww x x logo part number 1117 for adj 17-vv:15 for 1.5v 18 for 1.8v 25 for 2.5v 33 for 3.3v 50 for 5.0v l : lead free g : green 52 and 53 week marking information
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 8 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated marking information (continued) (3) sot89-3l 1 3 2 x x y w xx : identification code ( top view ) x y : year : 0~9 w : week : a~z : 1~26 week; x : internal code a~z : green a~z : 27~52 week; z represents 52 and 53 week a~z : lead free marking code table identification code output version da ap1117-adj db ap1117-1.5v dc ap1117-1.8v dd ap1117-2.5v de ap1117-3.3v df ap1117-5.0v (4) to263-3l 1117-vv x : internal code yy : year : 01~09 ( top view ) yy ww x x ww : week : 01~52 , 52 represents logo l : lead free part number vv: 15 for 1.5v 18 for 1.8v 25 for 2.5v 33 for 3.3v 50 for 5.0v blank for adj 52 and 53 week
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 9 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated marking information (continued) (5) to220-3l ( top view ) l : lead free 17 - vv logo yy ww x x part number 1117 for adj 17-vv : 15 for 1.5v 18 for 1.8v 25 for 2.5v 33 for 3.3v 50 for 5.0v x : internal code ww : week : 01~52 , 52 represents yy : year : 01~09 52 and 53 week package information (all dimensions in mm) (1) package type: sot223-3l
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 10 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated package information (continued) (2) package type: to252-3l 5.20/5.50 typ 5.35 6.354/6.80 typ 6.58 2.28 bsc. 0.61 typ 0.88/1.27 4.57 bsc. 9.00/10.40 typ 9.70 seating plane see note2 0.51 5.6 11.0 5.6 2.0 2.25 land pattern recommendation (unit: mm) 7.2 1.2 2.18/2.40 typ 2.29 0.45/0.58 typ 0.52 0.64/1.02 typ 0.83 0.45/0.58 typ 0.52 0.89/ 1.14 5.40/6.20 typ 5.57 (3) package type: sot89-3l 0.80/ 1.20 2.35/2.60 typ 2.48 1.40/1.75 typ 1.60 2.90/3.10 typ 3.00 1.40/1.60 typ 1.50 4.40/4.60 typ 4.50 0.41/0.53 typ 0.47 0.36/0.48 typ 0.42 8 0 (2x) 1.7 0.4 0.9 2.7 1.3 1.9 5 0 (2x) land pattern recommendation (unit: mm) 1.5 0.36/0.48 typ 0.42 1.45/1.55 typ 1.50 0.35/0.43 typ 0.39 3.94/4.25
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 11 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated package information (continued) (4) package type: to263-3l 9.65/10.29 typ 9.97 2.54 bsc. 2.92 typ 1.30 0.51/0.99 typ 0.75 1.14/1.40 typ1.27 8.65/9.65 typ 9.15 1.27/ 1.78 typ 1.52 14.61/15.88 typ 15.24 4.06/4.83 typ 4.45 1.14/1.40 typ 1.27 2.28/2.80 typ 2.54 1.3 3 15.7 10.9 9.1 land pattern recommendation (unit: mm) 2.54 0.38 typ (5) package type: to220-3l 3.55/4.85 typ 4.20 0.51/1.40 typ 0.95 0.31/1.14 typ 0. 72 seating plane 14.20/16.50 typ 15.35 9.70/10.70 typ 10.20 12.72/14.72 typ 13.72 0. 51/1.14 typ 0.83 4.83/5.33 typ 5.08 1.14/1.78 typ 1.46 ?3.53/4.09 typ 3.81 5. 84/6. 86 typ 6.35 2.54/3.43 typ 2.98 3.66/6.35 typ 5.00 2.03/2.92 typ2.48 2.99/2.79 typ 2.54
ap1117 1a low dropout positive adjustable or fixed-mode regulator ap1117 rev. 16 12 of 12 march 2009 ds31009 www.diodes.com ? diodes incorporated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products desc ribed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fee s arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life support devices or systems. copyright ? 2009, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of AP1117K33L-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X